| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KAI-08050 bảng dữ liệu(PDF) 8 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAI-08050 bảng dữ liệu(HTML) 8 Page - ON Semiconductor |
|
8 / 31 page ![]() KAI−08050 www.onsemi.com 8 Table 6. KAI−08050−ABA AND KAI−08050−PBA CONFIGURATIONS Description Symbol Min. Nom. Max. Units Sampling Plan Temperature Tested At (5C) Notes Peak Quantum Efficiency QEmax − 44 − % Design Peak Quantum Efficiency Wavelength lQE − 480 − nm Design 7 7. Not recommended for new designs. Consider device KAI−08051. Table 7. KAI−08050−CBA AND KAI−08050−PBA GEN1 COLOR CONFIGURATIONS WITH MAR GLASS Description Symbol Min. Nom. Max. Units Sampling Plan Temperature Tested At (5C) Notes Peak Quantum Efficiency Blue Green Red QEmax − 39 37 29 − % Design 7 Peak Quantum Efficiency Wavelength Blue Green Red lQE − 470 540 620 − nm Design 7 Table 8. KAI−08050−CBA GEN1 COLOR CONFIGURATION WITH CLEAR GLASS Description Symbol Min. Nom. Max. Units Sampling Plan Temperature Tested At (5C) Notes Peak Quantum Efficiency Blue Green Red QEmax − 36 34 27 − % Design 7 Peak Quantum Efficiency Wavelength Blue Green Red lQE − 470 540 620 − nm Design 7 |