công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9V024 bảng dữ liệu(PDF) 44 Page - ON Semiconductor

tên linh kiện MT9V024
Giải thích chi tiết về linh kiện  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 bảng dữ liệu(HTML) 44 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 40Page - ON Semiconductor MT9V024 Datasheet HTML 41Page - ON Semiconductor MT9V024 Datasheet HTML 42Page - ON Semiconductor MT9V024 Datasheet HTML 43Page - ON Semiconductor MT9V024 Datasheet HTML 44Page - ON Semiconductor MT9V024 Datasheet HTML 45Page - ON Semiconductor MT9V024 Datasheet HTML 46Page - ON Semiconductor MT9V024 Datasheet HTML 47Page - ON Semiconductor MT9V024 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
43
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Figure 34:
Spatial Illustration of Interlaced Image Readout
When interlaced mode is enabled, the total number of blanking rows are determined by
both Field Blanking register (R0xBF) and Vertical Blanking register (R0x06 or R0xCE).
The followings are their equations.
Field Blanking = R0xBF[7:0]
(EQ 22)
Vertical Blanking = R0x06[8:0] – R0xBF[7:0] (context A) or R0xCE[8:0] – R0xBF[7:0] (context B)
(EQ 23)
with
minimum vertical blanking requirement = 4 (absolute minimum to operate; see Vertical Blanking Registers
description for VBlank minimums for valid image output)
(EQ 24)
Similar to progressive scan, FV is logic LOW during the valid image row only. Binning
should not be used in conjunction with interlaced mode.
P4,1 P4,2 P4,3.....................................P4,n-1 P4,n
P6,0 P6,1 P6,2.....................................P6,n-1 P6,n
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
Pm-2,0 Pm-2,2.....................................Pm-2,n-2 Pm-2,n
Pm,2 Pm,2.....................................Pm,n-1 Pm,n
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 ..................................... 00 00 00
00 00 00 ..................................... 00 00 00
00 00 00 ............................................................................................. 00 00 00
00 00 00 ............................................................................................. 00 00 00
VALID IMAGE - Even Field
HORIZONTAL
BLANKING
VERTICAL BLANKING
P5,1 P5,2 P5,3.....................................P5,n-1 P5,n
P7,0 P7,1 P7,2.....................................P7,n-1 P7,n
Pm-3,1 Pm-3,2.....................................Pm-3,n-1 Pm-3,n
Pm,1 Pm,1.....................................Pm,n-1 Pm,n
VALID IMAGE - Odd Field
FIELD BLANKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62