| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT4LC8M8P4 bảng dữ liệu(PDF) 21 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
MT4LC8M8P4 bảng dữ liệu(HTML) 21 Page - Micron Technology |
|
21 / 22 page ![]() 21 8 Meg x 8 EDO DRAM Micron Technology, Inc., reserves the right to change products or specifications without notice. D20_2.p65 – Rev. 5/00 ©2000, Micron Technology, Inc. 8 MEG x 8 EDO DRAM 32-PIN PLASTIC SOJ (400 mil) .435 (11.05) .360 (9.14) .750 (19.05) TYP .829 (21.05) SEATING PLANE .040 (1.02) .380 (9.65) .080 (2.03) .095 (2.42) .145 (3.68) .132 (3.35) .015 (0.38) .020 (0.51) PIN #1 ID .050 (1.27) TYP .445 (11.31) .823 (20.90) .405 (10.29) .399 (10.13) .030 (0.77) R .032 (0.82) .037 (0.95) MAX DAMBAR PROTRUSION .026 (0.67) .024 (0.61) .030 (0.76) MIN NOTE: 1. All dimensions in inches (millimeters) MAX or typical where noted. MIN 2. Package width and length do not include mold protrusion; allowable mold protrusion is .01" per side. |