| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS260 bảng dữ liệu(PDF) 33 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS260 bảng dữ liệu(HTML) 33 Page - ON Semiconductor |
|
33 / 45 page ![]() AR0260 DS Rev. G Pub. 4/15 EN 33 ©Semiconductor Components Industries, LLC,2015. AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor Hardware Functions Sequential Write, Start at Random Location This sequence (Figure 28) starts in the same way as the single write to random location (Figure 27). Instead of generating a no-acknowledge bit after the first byte of data has been transferred, the master generates an acknowledge bit, and continues to perform byte writes until L bytes have been written. The write is terminated by the master gener- ating a stop condition. Figure 28: Sequential Write, Start at Random Location Slave Address 0 S A Reg Address[15:8] A Write Data Write Data A Reg Address[7:0] A Write Data Previous Reg Address, N Reg Address, M M+1 M+2 M+1 M+3 A A A Write Data Write Data M+L-2 M+L-1 M+L A A S |