| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML6695 bảng dữ liệu(PDF) 2 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML6695 bảng dữ liệu(HTML) 2 Page - Micro Linear Corporation |
|
2 / 8 page ![]() 2 ML6695 PIN CONFIGURATION PIN DESCRIPTION TOP VIEW ML6695 44-Pin PLCC (Q44) PWRDN RSM4 RSM3 DGND1 RSM2 DVCC1 RSM1 DGND2 RSM0 RXC DGND3 IOUT IOUT AGND3 RTSET AVCC3A AVCC3B AVCC4A AGND4A AVCC4B VIN+ VIN– 7 8 9 10 11 12 13 14 15 16 17 39 38 37 36 35 34 33 32 31 30 29 18 19 20 21 22 23 24 25 26 27 28 654321 44 43 42 41 40 PIN NAME FUNCTION 1AGND1 Analog ground 2 TSM4 Transmit data TTL inputs. TSM 0-4 inputs accept TX data symbols from the MII. Data appearing at TSM 0-4 are clocked into the ML6695 on the rising edge of TXCLK . 3 TSM3 Transmit data TTL inputs. TSM 0-4 inputs accept TX data symbols from the MII. Data appearing at TSM 0-4 are clocked into the ML6695 on the rising edge of TXC. 4 TSM2 Transmit data TTL inputs. TSM 0-4 inputs accept TX data symbols from the MII. Data appearing at TSM 0-4 are clocked into the ML6695 on the rising edge of TXC. PIN NAME FUNCTION 5 TSM1 Transmit data TTL inputs. TSM 0-4 inputs accept TX data symbols from the MII. Data appearing at TSM 0-4 are clocked into the ML6695 on the rising edge of TXC. 6 TSM0 Transmit data TTL inputs. TSM 0-4 inputs accept TX data symbols from the MII. Data appearing at TSM 0-4 are clocked into the ML6695 on the rising edge of TXC. 7 PWRDN Powerdown TTL input. Driving this pin low, or floating the pin, powers the ML6695 down to a low- current, inoperative state. Driving PWRDN high enables the ML6695. 8 RSM4 Receive data TTL outputs. RSM 0- 4 output may be sampled synchronously with RXC’s rising edge. |