| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A13 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
A13 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 55 page ![]() Allwinner Technology CO., Ltd. A13 Datasheet v1.30 Copyright © 2012 Allwinner Technology. All Rights Reserved. 6 December 10, 2012 Support 1920*1080@ 30fps in all formats Video Encoding Support encoding in H.264 MP format Up to 1920*1080@30fps Display Processing Ability Four moveable and size-adjustable layers Support multi-format image input Support image enhancement processor Support Alpha blending /anti-flicker Support Hardware cursor Support output color correction (luminance / hue / saturation etc) Display Output Ability Flexible LCD interface (CPU / Sync RGB ) Image Input Ability Camera sensor interface (CSI) Memory 16-bit SDRAM controller Support DDR2 SDRAM and DDR3 SDRAM up to 533MHz Memory Capacity up to 512MB 8-bit NAND Flash Controller with 2 CE and 2 RB signals Support SLC/MLC/TLC/DDR NAND 64-bit ECC |