| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A13 bảng dữ liệu(PDF) 40 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
A13 bảng dữ liệu(HTML) 40 Page - List of Unclassifed Manufacturers |
|
40 / 55 page ![]() Allwinner Technology CO., Ltd. A13 Datasheet v1.30 Copyright © 2012 Allwinner Technology. All Rights Reserved. 39 December 10, 2012 Support block size of 1 to 65535 bytes Support descriptor-based internal DMA controller Internal 16x32-bit (64 bytes total) FIFO for data transfer Support 3.3 V IO pad 14.2. SD3.0 Controller Signal Description SDCx=SDC[2,0] Signal Name Description Type SDCx_CLK SDx/SDIOx/MMCx Clock O SDCx_CMD SDx/SDIOx/MMCx Command Line I/O SDCx_D SD Card data bit I/O Table 14. SD3.0 Controller Signal Description |