công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F84AT-20I/SS bảng dữ liệu(PDF) 79 Page - Microchip Technology

tên linh kiện PIC16F84AT-20I/SS
Giải thích chi tiết về linh kiện  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20I/SS bảng dữ liệu(HTML) 79 Page - Microchip Technology

Back Button PIC16F84AT-20I/SS Datasheet HTML 75Page - Microchip Technology PIC16F84AT-20I/SS Datasheet HTML 76Page - Microchip Technology PIC16F84AT-20I/SS Datasheet HTML 77Page - Microchip Technology PIC16F84AT-20I/SS Datasheet HTML 78Page - Microchip Technology PIC16F84AT-20I/SS Datasheet HTML 79Page - Microchip Technology PIC16F84AT-20I/SS Datasheet HTML 80Page - Microchip Technology PIC16F84AT-20I/SS Datasheet HTML 81Page - Microchip Technology PIC16F84AT-20I/SS Datasheet HTML 82Page - Microchip Technology PIC16F84AT-20I/SS Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
PIC16F83/84
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 79
TABLE 10-2
TIMING PARAMETER SYMBOLOGY
The timing parameter symbols have been created fol-
lowing one of the following formats:
FIGURE 10-1: PARAMETER MEASUREMENT INFORMATION
All timings are measure between high and low mea-
surement points as indicated in the figures below.
FIGURE 10-2: LOAD CONDITIONS
1. TppS2ppS
2. TppS
T
F
Frequency
T
Time
Lowercase symbols (pp) and their meanings:
pp
2
to
os,osc
OSC1
ck
CLKOUT
ost
oscillator start-up timer
cy
cycle time
pwrt
power-up timer
io
I/O port
rbt
RBx pins
inp
INT pin
t0
T0CKI
mc
MCLR
wdt
watchdog timer
Uppercase symbols and their meanings:
S
F
Fall
P
Period
H
High
R
Rise
I
Invalid (Hi-impedance)
V
Valid
L
Low
Z
High Impedance
0.9 VDD (High)
0.1 VDD (Low)
0.8 VDD RC
0.3 VDD XTAL
OSC1 Measurement Points
I/O Port Measurement Points
0.15 VDD RC
0.7 VDD XTAL
(High)
(Low)
Load Condition 1
Load Condition 2
Pin
RL
CL
VSS
VDD/2
VSS
CL
Pin
RL =
464
Ω
CL =
50 pF
for all pins except OSC2.
15 pF
for OSC2 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com