công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7273-2 bảng dữ liệu(PDF) 7 Page - Infineon Technologies AG

tên linh kiện TLE7273-2
Giải thích chi tiết về linh kiện  Low Dropout Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 bảng dữ liệu(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7273-2 Datasheet HTML 3Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 4Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 9Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 10Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet
7
Rev. 1.21, 2014-11-19
TLE7273-2
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistances
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
4.2.1
Input Voltage
V
I
5.5
45
V
TLE7273-2GV50,
TLE7273-2EV50
4.2.2
4.2
45
V
TLE7273-2GV33
4.2.3
4.5
45
V
TLE7273-2GV26
4.2.4
Output Capacitor’s Requirements for
Stability
C
Q
470
–
nF
–1)
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
4.2.5
ESR(C
Q)
–3
Ω
–2)
2) relevant ESR value at
f =10kHz
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.
Package PG-DSO-14
4.3.1
Junction to Soldering Point1)
1) not subject to production test, specified by design
R
thJSP
–
30
–
K/W measured to group of pins
3, 4, 5, 10, 11, 12
4.3.2
Junction to Ambient1)
R
thJA
–53
–
K/W 2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
4.3.3
–
105
–
K/W footprint only3)
3) Specified
R
thJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2
× 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
4.3.4
–
74
–
K/W 300 mm2 heatsink area on
PCB3)
4.3.5
–
65
–
K/W 600 mm2 heatsink area on
PCB3)
Package PG-SSOP-14 Exposed Pad
4.3.6
Junction to Case1)
R
thJSP
–
14
–
K/W measured to exposed pad
4.3.7
Junction to Ambient1)
R
thJA
–47
–
K/W 2)
4.3.8
–
141
–
K/W footprint only3)
4.3.9
–
66
–
K/W 300 mm2 heatsink area on
PCB3)
4.3.10
–
56
–
K/W 600 mm2 heatsink area on
PCB3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com