công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7273-2 bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG

tên linh kiện TLE7273-2
Giải thích chi tiết về linh kiện  Low Dropout Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7273-2 Datasheet HTML 2Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 3Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 4Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 9Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TLE7273-2
General Product Characteristics
Data Sheet
6
Rev. 1.21, 2014-11-19
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause irreversible damage
to the integrated circuit. Integrated protection functions are designed to prevent IC destruction under fault
conditions. Fault conditions are considered as outside normal operating range. Protections functions are not
designed for continuous repetitive operation.
Table 3
Absolute Maximum Ratings1)
T
j = -40 °C to +150 °C
1) not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input I
4.1.1
Voltage
V
I
-0.3
45
V
–
Output Q, Reset Output RO, Watchdog Mode 2
4.1.2
Voltage
V
Q
-0.3
5.5
V
permanent
4.1.3
Voltage
V
Q
-0.3
6.2
V
t < 10 s2)
2) exposure to these absolute maximum ratings for extended periods (
t > 10 s) may affect device reliability
Enable Input EN
4.1.4
Voltage
V
EN
-1
45
V
–
4.1.5
Current
I
EN
-1
1
mA
–
Watchdog Input WDI
4.1.6
Voltage
V
RO
-1
7
V
permanent
Watchdog Mode 1
4.1.7
Voltage
V
WM1
-0.3
5.5
V
permanent
4.1.8
Voltage
V
WM1
-0.3
6.2
V
t < 10 s2)
4.1.9
Current
I
WM1
-5
5
mA
–
ESD Susceptibility
4.1.10 Human Body Model (HBM)3)
3) ESD HBM Test according JEDEC JESD22-A114
Voltage -
3
kV
–
4.1.11 Charged Device Model (CDM)4)
4) ESD CDM Test according AEC/ESDA ESD-STM5.3.1-1999
Voltage -
1.5
kV
–
Temperatures
4.1.12 Junction Temperature
T
j
-40
150
°C–
4.1.13 Storage Temperature
T
stg
-50
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com