công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC712-04E/SS bảng dữ liệu(PDF) 83 Page - Microchip Technology

tên linh kiện PIC16LC712-04E/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712-04E/SS bảng dữ liệu(HTML) 83 Page - Microchip Technology

Back Button PIC16LC712-04E/SS Datasheet HTML 79Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 80Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 81Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 82Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 83Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 84Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 85Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 86Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
PIC16C712/716
© 1999 Microchip Technology Inc.
Preliminary
DS41106A-page 83
12.4.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 12-2: EXTERNAL CLOCK TIMING
TABLE 12-2
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
1A
FOSC
External CLKIN Frequency
(Note 1)
DC
—
4
MHz
RC and XT osc modes
DC
—
4
MHz
HS osc mode (-04)
DC
—
20
MHz
HS osc mode (-20)
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz
RC osc mode
0.1
—
4
MHz
XT osc mode
4
—
20
MHz
HS osc mode
5
—
200
kHz
LP osc mode
1TOSC
External CLKIN Period
(Note 1)
250
—
—
ns
RC and XT osc modes
250
—
—
ns
HS osc mode (-04)
50
—
—
ns
HS osc mode (-20)
5—
—
µs
LP osc mode
Oscillator Period
(Note 1)
250
—
—
ns
RC osc mode
250
—
10,000
ns
XT osc mode
250
—
250
ns
HS osc mode (-04)
50
—
250
ns
HS osc mode (-20)
5—
—
µs
LP osc mode
2TCY
Instruction Cycle Time (Note 1)
200
—
DC
ns
TCY = 4/FOSC
3*
TosL,
TosH
External Clock in (OSC1) High or
Low Time
100
—
—
ns
XT oscillator
2.5
—
—
µs
LP oscillator
15
—
—
ns
HS oscillator
4*
TosR,
TosF
External Clock in (OSC1) Rise or
Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
—
—
15
ns
HS oscillator
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at "min." values with an external
clock applied to the OSC1/CLKIN pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices.
3
3
4
4
1
2
Q4
Q1
Q2
Q3
Q4
Q1
OSC1
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com