công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC712-04E/SS bảng dữ liệu(PDF) 54 Page - Microchip Technology

tên linh kiện PIC16LC712-04E/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712-04E/SS bảng dữ liệu(HTML) 54 Page - Microchip Technology

Back Button PIC16LC712-04E/SS Datasheet HTML 50Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 51Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 52Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 53Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 54Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 55Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 56Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 57Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
PIC16C712/716
DS41106A-page 54
Preliminary
© 1999 Microchip Technology Inc.
9.2.3
RC OSCILLATOR
For timing insensitive applications, the “RC” device
option offers additional cost savings. The RC oscillator
frequency is a function of the supply voltage, the resis-
tor (REXT) and capacitor (CEXT) values and the operat-
ing temperature. In addition to this, the oscillator
frequency will vary from unit to unit due to normal pro-
cess parameter variation. Furthermore, the difference
in lead frame capacitance between package types will
also affect the oscillation frequency, especially for low
CEXT values. The user also needs to take into account
variation due to tolerance of external R and C compo-
nents used. Figure 9-4 shows how the R/C combina-
tion is connected to the PIC16CXXX.
FIGURE 9-4:
RC OSCILLATOR MODE
OSC2/CLKOUT
Cext
Rext
PIC16C7XX
OSC1
Fosc/4
Internal
clock
VDD
VSS
Recommended values:
3 k
Ω ≤ Rext ≤ 100 kΩ
Cext > 20pF
9.3
Reset
The PIC16CXXX differentiates between various kinds
of reset:
• Power-on Reset (POR)
•MCLR reset during normal operation
•MCLR reset during SLEEP
• WDT Reset (during normal operation)
• WDT Wake-up (during SLEEP)
• Brown-out Reset (BOR)
Some registers are not affected in any reset condition;
their status is unknown on POR and unchanged in any
other reset. Most other registers are reset to a “reset
state” on Power-on Reset (POR), on the MCLR and
WDT Reset, on MCLR reset during SLEEP and
Brown-out Reset (BOR). They are not affected by a
WDT Wake-up, which is viewed as the resumption of
normal operation. The TO and PD bits are set or
cleared differently in different reset situations as indi-
cated in Table 9-4. These bits are used in software to
determine the nature of the reset. See Table 9-6 for a
full description of reset states of all registers.
A simplified block diagram of the on-chip reset circuit is
shown in Figure 9-6.
The PICmicro microcontrollers have a MCLR noise fil-
ter in the MCLR reset path. The filter will detect and
ignore small pulses.
It should be noted that a WDT Reset does not drive
MCLR pin low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com