công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF69 bảng dữ liệu(PDF) 77 Page - List of Unclassifed Manufacturers

tên linh kiện RF69
Giải thích chi tiết về linh kiện  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 bảng dữ liệu(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 76Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 77Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 78Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 79Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 80Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 81Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
RF69
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.2.2. Manual Reset
A manual reset of the RF69 is possible even for applications in which VDD cannot be physically disconnected. Pin 6
should be pulled high for a hundred microseconds, and then released. The user should then wait for 5 ms before using the
chip.
VDD
Pin 6
High-Z
> 100 us
‟‟
1
‟
‟
Wait for
5 ms
High-Z
Chip is ready from
this point on
(input)
Figure 40. Manual Reset Timing Diagram
Note
whilst pin 6 is driven high, an over current consumption of up to ten milliamps can be seen on VDD.
7.3. Reference Design
Please contact your representative for evaluation tools, reference designs and design assistance. Note that all
schematics shown in this section are full schematics, listing ALL required components, including decoupling capacitors.
Figure 41. +13dBm Schematic
Page 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81