công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16C72-10/SP bảng dữ liệu(PDF) 78 Page - Microchip Technology

tên linh kiện PIC16C72-10/SP
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10/SP bảng dữ liệu(HTML) 78 Page - Microchip Technology

Back Button PIC16C72-10/SP Datasheet HTML 74Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 75Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 76Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 77Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 78Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 79Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 80Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 81Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 124 page
background image
PIC16C72 Series
DS39016A-page 78
Preliminary
© 1998 Microchip Technology Inc.
TABLE 13-1
CROSS REFERENCE OF DEVICE SPECS (PIC16C72) FOR OSCILLATOR
CONFIGURATIONS AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
TABLE 13-2
CROSS REFERENCE OF DEVICE SPECS (PIC16CR72) FOR OSCILLATOR
CONFIGURATIONS AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16C72-04
PIC16C72-10
PIC16C72-20
PIC16LC72-04
JW Devices
RC
VDD: 4.0V to 6.0V
IDD: 5 mA max. at 5.5V
IPD: 16
µA max. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 2.5V to 6.0V
IDD: 3.8 mA max. at 3.0V
IPD: 5.0
µA max. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 6.0V
IDD: 5 mA max. at 5.5V
IPD: 16
µA max. at 4V
Freq: 4 MHz max.
XT
VDD: 4.0V to 6.0V
IDD: 5 mA max. at 5.5V
IPD: 16
µA max. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 2.5V to 6.0V
IDD: 3.8 mA max. at 3.0V
IPD: 5.0
µA max. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 6.0V
IDD: 5 mA max. at 5.5V
IPD: 16
µA max. at 4V
Freq: 4 MHz max.
HS
VDD: 4.5V to 5.5V
VDD: 4.5V to 5.5V
VDD: 4.5V to 5.5V
Not recommended for use
in HS mode
VDD: 4.5V to 5.5V
IDD: 13.5 mA typ. at 5.5V
IDD: 10 mA max. at 5.5V
IDD: 20 mA max. at 5.5V
IDD: 20 mA max. at 5.5V
IPD: 1.5
µA typ. at 4.5V
IPD: 1.5
µA typ. at 4.5V
IPD: 1.5
µA typ. at 4.5V
IPD: 1.5
µA typ. at 4.5V
Freq: 4 MHz max.
Freq: 10 MHz max.
Freq: 20 MHz max.
Freq: 20 MHz max.
LP
VDD: 4.0V to 6.0V
IDD: 52.5
µA typ. at
32 kHz, 4.0V
IPD: 0.9
µA typ. at 4.0V
Freq: 200 kHz max.
Not recommended for use
in LP mode
Not recommended for use
in LP mode
VDD: 2.5V to 6.0V
IDD: 48
µA max. at
32 kHz, 3.0V
IPD: 5.0
µA max. at 3.0V
Freq: 200 kHz max.
VDD: 2.5V to 6.0V
IDD: 48
µA max. at
32 kHz, 3.0V
IPD: 5.0
µA max. at 3.0V
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifications.
It is recommended that the user select the device type that ensures the specifications required.
OSC
PIC16CR72-04
PIC16CR72-10
PIC16CR72-20
PIC16LCR72-04
JW Devices
RC
VDD: 4.0V to 5.5V
IDD: 5 mA max. at 5.5V
IPD: 16
µA max. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 2.5V to 5.5V
IDD: 3.8 mA max. at 3.0V
IPD: 5.0
µA max. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 5.5V
IDD: 5 mA max. at 5.5V
IPD: 16
µA max. at 4V
Freq: 4 MHz max.
XT
VDD: 4.0V to 5.5V
IDD: 5 mA max. at 5.5V
IPD: 16
µA max. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 2.5V to 5.5V
IDD: 3.8 mA max. at 3.0V
IPD: 5.0
µA max. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 5.5V
IDD: 5 mA max. at 5.5V
IPD: 16
µA max. at 4V
Freq: 4 MHz max.
HS
VDD: 4.5V to 5.5V
VDD: 4.5V to 5.5V
VDD: 4.5V to 5.5V
Not recommended for use
in HS mode
VDD: 4.5V to 5.5V
IDD: 13.5 mA typ. at 5.5V
IDD: 10 mA max. at 5.5V
IDD: 20 mA max. at 5.5V
IDD: 20 mA max. at 5.5V
IPD: 1.5
µA typ. at 4.5V
IPD: 1.5
µA typ. at 4.5V
IPD: 1.5
µA typ. at 4.5V
IPD: 1.5
µA typ. at 4.5V
Freq: 4 MHz max.
Freq: 10 MHz max.
Freq: 20 MHz max.
Freq: 20 MHz max.
LP
VDD: 4.0V to 5.5V
IDD: 52.5
µA typ. at
32 kHz, 4.0V
IPD: 0.9
µA typ. at 4.0V
Freq: 200 kHz max.
Not recommended for use
in LP mode
Not recommended for use
in LP mode
VDD: 2.5V to 5.5V
IDD: 48
µA max. at
32 kHz, 3.0V
IPD: 5.0
µA max. at 3.0V
Freq: 200 kHz max.
VDD: 2.5V to 5.5V
IDD: 48
µA max. at
32 kHz, 3.0V
IPD: 5.0
µA max. at 3.0V
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifications.
It is recommended that the user select the device type that ensures the specifications required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com