công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1043 bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện TC1043
Giải thích chi tiết về linh kiện  Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1043 bảng dữ liệu(HTML) 4 Page - Microchip Technology

  TC1043 Datasheet HTML 1Page - Microchip Technology TC1043 Datasheet HTML 2Page - Microchip Technology TC1043 Datasheet HTML 3Page - Microchip Technology TC1043 Datasheet HTML 4Page - Microchip Technology TC1043 Datasheet HTML 5Page - Microchip Technology TC1043 Datasheet HTML 6Page - Microchip Technology TC1043 Datasheet HTML 7Page - Microchip Technology TC1043 Datasheet HTML 8Page - Microchip Technology TC1043 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC1043
DS21347B-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTION
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
1A1IN+
Op Amp Non-Inverting Input
2A1IN-
Op Amp Inverting Input
3A2IN+
Op Amp Non-Inverting Input
4A2IN-
Op Amp Inverting Input
5C1OUT
Comparator Output
6C2OUT
Comparator Output
7
SHDN
Shutdown Input
8VSS
Negative Power Supply
9VREF
Voltage Reference Output
10
C2IN-
Comparator Inverting Input
11
C2IN+
Comparator Non-Inverting Input
12
C1IN-
Comparator Inverting Input
13
C1IN+
Comparator Non-Inverting Input
14
A2OUT
Op Amp Output
15
A1OUT
Op Amp Output
16
VDD
Positive Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20