| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F010-I/P bảng dữ liệu(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F010-I/P bảng dữ liệu(HTML) 73 Page - Microchip Technology |
|
73 / 176 page ![]() 2001 Microchip Technology Inc. Preliminary DS41142A-page 71 PIC18F010/020 TABLE 9-1: PORTB FUNCTIONS TABLE 9-2: SUMMARY OF REGISTERS ASSOCIATED WITH PORTB Name Bit# Buffer Function RB0 bit0 TTL/ST(1) Input/output port pin (with interrupt-on-change). Internal software programmable weak pull-up. In-circuit serial programming data. RB1 bit1 TTL/ST(1) Input/output port pin (with interrupt-on-change). Internal software programmable weak pull-up. In-circuit serial programming clock. RB2/T0CKI/ INT0 bit2 TTL/ST(1) Input/output port pin (with interrupt-on-change) or TMR0 clock input or Interrupt 0 input. Internal software programmable weak pull-up. RB3/MCLR/ VPP bit3 TTL/ST(1) Input/output (open drain) port pin (with interrupt-on-change) or Master Clear External Reset input. Internal software programmable weak pull-up. RB4/OSC2/ CLKOUT bit4 TTL/ST(1) Input/output port pin (with interrupt-on-change) or oscillator connection, or CLKOUT output. Internal software programmable weak pull-up. RB5/OSC1/ CLKIN bit5 TTL/ST(1) Input/output port pin (with interrupt-on-change) or clock input, or oscillator connection. Internal software programmable weak pull-up. Legend: TTL = TTL input, ST = Schmitt Trigger input Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt. 2: This buffer is a Schmitt Trigger input when used in Serial Programming mode. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other RESETS TRISB — — RB5 RB4 RB3 RB2 RB1 RB0 --11 1111 --11 1111 PORTB — — PORTB5 PORTB4 PORTB3 PORTB2 PORTB1 PORTB0 --xx xxxx --uu uuuu LATB — — LATB5 LATB4 LATB3 LATB2 LATB1 LATB0 --xx xxxx --uu uuuu INTCON GIE/GIEH PEIE/GIEL T0IE INT0E RBIE T0IF INT0F RBIF 0000 000x 0000 000u INTCON2 RBPU INTEG0 — — — T0IP — RBIP 11-- -1-1 11-- -1-1 WPUB — — WPUB5 WPUB4 WPUB3 WPUB2 WPUB1 WPUB0 --11 1111 --11 1111 IOCB — — IOCB5 IOCB4 IOCB3 IOCB2 IOCB1 IOCB0 --00 0000 --00 0000 Legend: x = unknown, u = unchanged, - = unimplemented. Shaded cells are not used by PORTB. |