| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F010-I/P bảng dữ liệu(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F010-I/P bảng dữ liệu(HTML) 57 Page - Microchip Technology |
|
57 / 176 page ![]() 2001 Microchip Technology Inc. Preliminary DS41142A-page 55 PIC18F010/020 7.0 8 X 8 HARDWARE MULTIPLIER 7.1 Introduction An 8 x 8 hardware multiplier is included in the ALU of the PIC18F010/020 devices. By making the multiply a hardware operation, it completes in a single instruction cycle. This is an unsigned multiply that gives a 16-bit result. The result is stored into the 16-bit product regis- ter pair (PRODH:PRODL). The multiplier does not affect any flags in the ALUSTA register. Making the 8 x 8 multiplier execute in a single cycle gives the following advantages: • Higher computational throughput • Reduces code size requirements for multiply algorithms The performance increase allows the device to be used in applications previously reserved for Digital Signal Processors. Table 7-1 shows a performance comparison between enhanced devices using the single cycle hardware mul- tiply, and performing the same function without the hardware multiply. TABLE 7-1: PERFORMANCE COMPARISON Routine Multiply Method Program Memory (Words) Cycles (Max) Time @ 40 MHz @ 10 MHz @ 4 MHz 8 x 8 unsigned Without hardware multiply 13 69 6.9 µs 27.6 µs69 µs Hardware multiply 1 1 100 ns 400 ns 1 µs 8 x 8 signed Without hardware multiply 33 91 9.1 µs 36.4 µs91 µs Hardware multiply 6 6 600 ns 2.4 µs6 µs 16 x 16 unsigned Without hardware multiply 21 242 24.2 µs 96.8 µs242 µs Hardware multiply 24 24 2.4 µs9.6 µs24 µs 16 x 16 signed Without hardware multiply 52 254 25.4 µs102.6 µs254 µs Hardware multiply 36 36 3.6 µs 14.4 µs36 µs |