| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F870/PQ bảng dữ liệu(PDF) 137 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F870/PQ bảng dữ liệu(HTML) 137 Page - Microchip Technology |
|
137 / 156 page ![]() © 1999 Microchip Technology Inc. Preliminary DS30569A-page 137 PIC16F870/871 16.0 PACKAGING INFORMATION 16.1 Package Marking Information 28-Lead SOIC YYWWNNN Example PIC16F870-I/SO XXXXXXXXXXXXXXXXX YYWWNNN 28-Lead PDIP (Skinny DIP) Example PIC16F870-I/SP 9910SAA 9910SAA Legend: MM...M Microchip part number information XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask rev#, and assembly code. For OTP marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX 28-Lead SSOP YYWWNNN Example PIC16F870-I/SS 9910SAA XXXXXXXXXXXX XXXXXXXXXXXX |