công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2120 bảng dữ liệu(PDF) 50 Page - Microchip Technology

tên linh kiện MCP2120
Giải thích chi tiết về linh kiện  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 bảng dữ liệu(HTML) 50 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 46Page - Microchip Technology MCP2120 Datasheet HTML 47Page - Microchip Technology MCP2120 Datasheet HTML 48Page - Microchip Technology MCP2120 Datasheet HTML 49Page - Microchip Technology MCP2120 Datasheet HTML 50Page - Microchip Technology MCP2120 Datasheet HTML 51Page - Microchip Technology MCP2120 Datasheet HTML 52Page - Microchip Technology MCP2120 Datasheet HTML 53Page - Microchip Technology MCP2120 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
MCP2120/MCP2150 USER’S GUIDE
DS51246A-page 46
 2001 Microchip Technology Inc.
A.4 Jumpers
Jumpers are used to allow the Developer’s Board to be configured into the
different modes that are possible. These modes include:
• Selection of Baud Rate
• Source of Host signals
• Source of Optical Transceiver signals
• Device Enable signal for power down operation
A.4.1
MCP2120 Developer’s Board
The MCP2120 Developer’s Board has the following jumpers:
1. Two jumpers to select source of UART signals. Either RS-232C socket
or the four-pin header.
2. Three jumpers to select desired baud rate.
3. Two jumpers to select IR Transceiver options.
4. Jumper to disable device operation.
5. Jumper for Software Baud control when using RS-232C interface.
Figure A.1: MCP2120 Developer’s Board Hardware
3
4
2
1
J5
D4
C15
C12
C13
C14
C9
C5
C1
J2
MCP2120 Developer’s Board
02-01608 Rev. 1
U1
J1
J4
R14
CR1
C4
C7
C8
R1
Q1
JP5
U3
R2
C2
C3
J3
+5V
GND
R13
C16
JP3:JP1
000
=FOSC/768
001
=FOSC/384
010
=FOSC/192
011
=FOSC/128
100
=FOSC/64
111
=S/W Baud
Open=0
Integrated
Transceiver
U6
R8
R7
R6
R4
JP4
(MCP2120)
Open=Enabled
R9
D3
D6 D2
U2
C6
R3
C10
U4
R5
R11
R10
Component
Transceiver
J7
J6
R12
D1
D5
C18
R15
C11
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64