| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM49352 bảng dữ liệu(PDF) 92 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM49352 bảng dữ liệu(HTML) 92 Page - Texas Instruments |
|
92 / 106 page ![]() LM49352 SNAS467E – MARCH 2009 – REVISED MARCH 2013 www.ti.com Table 80. SOFTCLIP2 (0xB1h) Bits Field Description 4:0 RATIO This sets the ratio at which the audio is compressed to when it passes beyond the threshold. In soft clip mode this is the final level of compression. RATIO Ratio 00000 1:1 (Bypass) 00001 1:1.2 00010 1:1.4 00011 1:1.7 00100 1:2.0 00101 1:2.4 00110 1:2.8 00111 1:3.4 01000 1:4.0 01001 1:4.7 01010 1:5.7 01011 1:6.7 01100 1:8.0 01101 1:9.5 01110 1:11.3 01111 1:13.5 10000 1:16.0 10001 1:19.0 10010 1:22.8 10011 1:27.0 10100 1:32.0 10101 1:37.9 10110 1:45.5 10111 1:53.9 11000 1:64 11001 1:75.9 11010 1:91.0 11011 1:108 11100 1:128 11101 1:152 11110 1:182 11111 1:215 92 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: LM49352 |