công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC74 bảng dữ liệu(PDF) 5 Page - Micrel Semiconductor

tên linh kiện MIC74
Giải thích chi tiết về linh kiện  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 bảng dữ liệu(HTML) 5 Page - Micrel Semiconductor

  MIC74 Datasheet HTML 1Page - Micrel Semiconductor MIC74 Datasheet HTML 2Page - Micrel Semiconductor MIC74 Datasheet HTML 3Page - Micrel Semiconductor MIC74 Datasheet HTML 4Page - Micrel Semiconductor MIC74 Datasheet HTML 5Page - Micrel Semiconductor MIC74 Datasheet HTML 6Page - Micrel Semiconductor MIC74 Datasheet HTML 7Page - Micrel Semiconductor MIC74 Datasheet HTML 8Page - Micrel Semiconductor MIC74 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
August 1, 2000
5
MIC74
MIC74
Micrel
Register Descriptions
Device Configuration Register
G
F
C
_
V
E
D
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
.
o
r
e
z
s
a
e
t
i
r
w
s
y
a
w
l
AN
A
FE
I
Power-On Default Value: 0000 0000
b, 00h
Interrupts disabled
Not in Fan Mode
Command_byte addess: 0000 0000
b, 00h
Type:
8-bits, read/write
Bit Name:
IE
Function:
Global interrupt enable.
Operation: 1 = enabled
0 = disabled
Bit Name:
FAN
Function:
Selects Fan Mode
(P[7:4] vs. /FS[2:0], /SHDN)
Operation: 1 = Fan Mode
0 = I/O Mode
Bit Name:
D[2] through D[6]
Function:
Reserved
Operation: Reserved—always write as zero
Data Direction Register
R
I
D
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
7
R
I
D6
R
I
D5
R
I
D4
R
I
D3
R
I
D2
R
I
D1
R
I
D0
R
I
D
Power-On Default Value: 0000 0000
b, 00h
all P
n’s configured as inputs
Command_byte addess: 0000 0001
b, 01h
Type:
8-bits, read/write
Bit Name:
DIR
n
Function:
Selects data direction, input or output, of P
n
Operation: 1 = output
0 = input
Notes:
If Fan Mode is selected, that is, the FAN bit of
the DEV_CFG register is set to one, P[7:4] are
automatically configured as open-drain
outputs. They are then referred to as /FS[2:0]
and /SHDN. The DIR register has no effect on
these I/O bits while in Fan Mode.
Output Configuration Register
G
F
C
_
T
U
O
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
7
T
U
O6
T
U
O5
T
U
O4
T
U
O3
T
U
O2
T
U
O1
T
U
O0
T
U
O
Power-On Default Value: 0000 0000
b, 00h
all outputs open-drain
Command_byte addess: 0000 0010
b, 02h
Type:
8-bits, read/write
Bit Name:
OUT
n
Function:
Selects output driver configuration of P
n when
P
n is configured as an output.
Operation: 1 = push-pull
0 = open-drain
Notes:
If Fan Mode is selected, that is, the FAN bit of
the DEV_CFG register is set to one, P[7:4] are
automatically configured as open-drain
outputs. They are then referred to as /FS[2:0]
and /SHDN. The OUT_CFG register has no
effect on these I/O bits while in Fan Mode.
Status Register
S
U
T
A
T
S
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
7
S6
S5
S4
S3
S2
S1
S0
S
Power-On Default Value: 0000 0000
b, 00h
no interrupts pending
Command_byte addess: 0000 0011
b, 03h
Type:
8-bits, read only
Bit Name:
S
n
Function:
Flag for Pn input-change event when P
n is
configured as an input; S
n is set when the
corresponding input changes state.
Operation: 1 = change occured
0 = no change occured
Notes:
If Fan Mode is selected, that is, the FAN bit of
the DEV_CFG register is set to one, P[7:4] are
automatically configured as open-drain
outputs. They are then referred to as /FS[2:0]
and /SHDN. No interrupts of any kind are
generated by these pins while in Fan Mode.
All status bits are cleared after any read
operation is performed on STATUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com