| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MIC74 bảng dữ liệu(PDF) 10 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC74 bảng dữ liệu(HTML) 10 Page - Micrel Semiconductor |
|
10 / 20 page ![]() MIC74 Micrel MIC74 10 August 1, 2000 Applications Information Bit Transfer The data received on the DATA pin must be stable during the high period of the clock. DATA CLK Data Change Allowed Data Stable, Data Valid Figure 3. Acceptable Bit Transfer Conditions Data can change state only when the CLK line is low. Refer to Figure 3. Start and Stop Conditions Two unique bus situations define “start” and “stop” condi- tions. A high-to-low transition of the DATA line while CLK is high indicates a start condition. A low-to-high transition of the DATA line while CLK is high defines a stop condition. See Figure 4. DATA CLK Start StoP Figure 4. Start and Stop Definitions Start (S) and stop (P) conditions are always generated by the bus master (host). After a start condition, the bus is consid- ered to be busy. The bus becomes free again after a certain time following a stop condition or after both CLK and DATA lines remain high for more than 50 µs. Serial Byte Format Every byte consists of 8 bits. Each byte transferred on the bus must be followed by an acknowledge bit. Bytes are trans- ferred with the MSB (most significant bit) first. See Figure 5. Acknowledge and Not Acknowlege The acknowledge related clock pulse is generated by the master. The transmitter releases the DATA line (high) during the acknowledge clock cycle. In order to acknowledge (ACK) a byte, the receiver must pull the DATA line low during the high period of the clock pulse according the bus timing specifications. A slave device that wishes to not acknowledge a byte must let the DATA line remain high during the acknowledge clock pulse. See Fig- ure 6. 123456789 ACK MSB LSB NAK (high) ACK (low) DATA (Host) CLK DATA (Slave MIC74) Figure 6. Acknowledge and Not Acknowledge 123456789 123456789 ACK ACK MSB LSB DATA CLK Byte Complete Start StoP Figure 5. Serial Byte Format |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |