công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6620CBZ bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL6620CBZ
Giải thích chi tiết về linh kiện  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6620CBZ bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL6620CBZ Datasheet HTML 1Page - Intersil Corporation ISL6620CBZ Datasheet HTML 2Page - Intersil Corporation ISL6620CBZ Datasheet HTML 3Page - Intersil Corporation ISL6620CBZ Datasheet HTML 4Page - Intersil Corporation ISL6620CBZ Datasheet HTML 5Page - Intersil Corporation ISL6620CBZ Datasheet HTML 6Page - Intersil Corporation ISL6620CBZ Datasheet HTML 7Page - Intersil Corporation ISL6620CBZ Datasheet HTML 8Page - Intersil Corporation ISL6620CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6494.0
April 25, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input Voltage (VEN, VPWM) . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
BOOT Voltage (VBOOT-GND). . . -0.3V to 25V (DC) or 36V (<200ns)
BOOT To PHASE Voltage (VBOOT-PHASE) . . . . . . -0.3V to 7V (DC)
-0.3V to 9V (<10ns)
PHASE Voltage . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 15V (DC)
GND -8V (<20ns Pulse Width, 10µJ) to 30V (<100ns)
UGATE Voltage . . . . . . . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT
VPHASE - 5V (<20ns Pulse Width, 10µJ) to VBOOT
LGATE Voltage . . . . . . . . . . . . . . . GND - 0.3V (DC) to VCC + 0.3V
GND - 2.5V (<20ns Pulse Width, 5µJ) to VCC + 0.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
100
N/A
DFN Package (Notes 2, 3) . . . . . . . . . .
48
7
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range
ISL6620IBZ, ISL6620IRZ, ISL6620AIBZ, ISL6620AIRZ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
ISL6620CBZ, ISL6620CRZ, ISL6620ACBZ, ISL6620ACRZ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . +125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions; Parameters with MIN and/or MAX limits are 100% tested at +25°C,
unless otherwise specified. Temperature limits established by characterization and are not production
tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply Current
No Load Switching Supply Current
IVCC
f_PWM = 300kHz, V_VCC = 5V
1.27
mA
Standby Supply Current
IVCC
PWM 0V to 2.5V transition, EN = High
1.85
mA
PWM 0V to 2.5V transition, EN = Low
1.15
mA
POWER-ON RESET AND ENABLE
VCC Rising POR Threshold
3.2
3.8
4.4
V
VCC Falling POR Threshold
3.0
3.4
4.0
V
VCC POR Hysteresis
130
300
530
mV
EN High Threshold
1.40
1.65
1.90
V
EN Low Threshold
1.20
1.35
1.55
V
PWM INPUT (See TIMING DIAGRAM" on page 6)
Input Current
IPWM
VPWM = 5V
500
µA
VPWM = 0V
-430
µA
PWM Rising Threshold (Note 4)
VCC = 5V
3.4
V
PWM Falling Threshold (Note 4)
VCC = 5V
1.6
V
Three-State Lower Gate Falling Threshold
VCC = 5V
1.6
V
Three-State Lower Gate Rising Threshold
VCC = 5V
1.1
V
Three-State Upper Gate Rising Threshold
VCC = 5V
3.2
V
Three-state Upper Gate Falling Threshold
VCC = 5V
2.8
V
UGATE Rise Time (Note 4)
t_RU
VCC = 5V, 3nF load, 10% to 90%
8
ns
ISL6620, ISL6620A



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com