công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP4086APZ bảng dữ liệu(PDF) 14 Page - Intersil Corporation

tên linh kiện HIP4086APZ
Giải thích chi tiết về linh kiện  80V, 500mA, 3-Phase MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ bảng dữ liệu(HTML) 14 Page - Intersil Corporation

Back Button HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation HIP4086APZ Datasheet HTML 10Page - Intersil Corporation HIP4086APZ Datasheet HTML 11Page - Intersil Corporation HIP4086APZ Datasheet HTML 12Page - Intersil Corporation HIP4086APZ Datasheet HTML 13Page - Intersil Corporation HIP4086APZ Datasheet HTML 14Page - Intersil Corporation HIP4086APZ Datasheet HTML 15Page - Intersil Corporation HIP4086APZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HIP4086, HIP4086A
14
FN4220.10
March 27, 2015
Submit Document Feedback
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest Rev.
DATE
REVISION
CHANGE
March 27, 2015
FN4220.10
Added AN1829, “HIP4086 3-Phase BLDC Motor Drive Demonstration Board, User Guide” bullet to the related
literature section on page 1.
On page 3:
In the Pin Configuration updated typo for Pin 17 Pin Name from “AHC” to “AHO”.
In the Pin Description table:
Updated RDEL and UVLO Description to reference the correct Figures.
RDEL - from “Figure 17” to “Figure 18” and UVLO - from “Figure 18”to “Figure 19”.
Updated typo-AHS pin number from “15” to “18”.
Added “RDEL range10kΩ to 100kΩ” to the “Maximum Recommended Operating Conditions” on page 5.
Updated the About Intersil verbiage.
January 28, 2013
FN4220.9
Corrected following typo in the second paragraph of page 1:
From: (0.5ms to 4.5ms)
To: (0.5µs to 4.5µs)
September 27, 2012
FN4220.8
Removed evaluation board from “Ordering Information” and “Related Literature” since it is inactive.
June 1, 2011
FN4220.7
Added alternate parameters for HIP4086A in DC Electrical Specifications Table Supply Currents on page 5.
Added to Charge Pump Figures 10 and 11 in Typical Performance Curves "HIP4086 Only"
March 18, 2011
-Converted to new Intersil datasheet template.
-Changed Title from "80V, 500mA, 3-Phase Driver" to "80V, 500mA, 3-Phase MOSFET Driver".
-Rewrote description on page 1 by adding HIP4086A and stating the differences between parts.
-Updated “Ordering Information” on page 4 by adding part number HIP4086AABZ and Eval Board. Added MSL
note. Removed obsolete part HIP4086AP.
-Updated “TYPICAL APPLICATION” on page 1.
-Added “CHARGE PUMP OUTPUT CURRENT” on page 1.
-Updated “Features” and “Applications” section on page 1.
-Added “” on page 1.
-Updated “Block Diagram” on page 2 by adding color and notes.
-Updated “Thermal Information” and notes on page 5.
-Added “Boldface limits apply..” to common conditions of Electrical Specifications tables. Added Note 9 to MIN
and MAX columns of Electrical Specifications tables.
-Updated all timing diagrams for better clarification on page 7.
-Added “Functional Description”, “Application Information” and “General PCB Layout Guidelines” sections
beginning on page 10.
-Updated Package Outline Drawing M24.3 by removing table listing dimensions and putting dimensions on
drawing. Added Land Pattern.
-Added “Revision History” and “About Intersil” to page 14.
July 26, 2004
FN4220.6
Added Pb-Free parts to “Ordering Information” on page 4.
February 18, 2003
FN4220.5
Revised “Pin Descriptions” on page 3.
Revised “Low Level Input Current” specs on page 6.
May, 1999
FN4220.4
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com