| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HIP4086APZ bảng dữ liệu(PDF) 5 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HIP4086APZ bảng dữ liệu(HTML) 5 Page - Intersil Corporation |
|
5 / 16 page ![]() HIP4086, HIP4086A 5 FN4220.10 March 27, 2015 Submit Document Feedback Absolute Maximum Ratings (Note 7) Thermal Information Supply Voltage, VDD Relative to GND . . . . . . . . . . . . . . . . . . . . -0.3V to 16V Logic Inputs (xLI, xHI) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD + 0.3V Voltage on xHS . . . . . . . . . . . . . . -6V (Transient) to 85V (-40°C to +150°C) Voltage on xHB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS - 0.3V to VxHS +VDD Voltage on xLO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS - 0.3V to VDD +0.3V Voltage on xHO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS - 0.3V to VxHB +0.3V Phase slew rate (on xHS). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns Maximum Recommended Operating Conditions Supply Voltage, VDD Relative to GND. . . . . . . . . . . . . . . . . . . . . . . 7V to 15V Logic Inputs (xLI, xHI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to VDD Voltage on xHB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS + VDD Voltage on xHS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 80V Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +150°C RDEL range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10kΩ to 100kΩ Thermal Resistance (Typical) JA (°C/W) JC (°C/W) SOIC Package (Notes 4, 6) . . . . . . . . . . . . . 75 22 SOIC Package HIP4086AABZ (Notes 5, 6) 51 22 PDIP* Package (Notes 4, 6) . . . . . . . . . . . . 70 29 Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C Operating Junction Temp Range . . . . . . . . . . . . . . . . . . . .-40°C to +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493 *Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder processing applications. CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 5. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 6. For JC, the “case temp” location is taken at the package top center. 7. Replace x with A, B, or C. DC Electrical Specifications VDD = VxHB = 12V, VSS = VxHS = 0V, RDEL = 20k, RUV = , Gate Capacitance (CGATE) = 1000pF, unless otherwise specified. Boldface limits apply across the operating junction temperature range, -40°C to +150°C. PARAMETER TEST CONDITIONS TJ = +25°C TJ = -40°C TO +150°C UNITS MIN (Note 9)TYP MAX (Note 9) MIN (Note 9) MAX (Note 9) SUPPLY CURRENTS VDD Quiescent Current xHI = 5V, xLI = 5V (HIP4086) 2.7 3.4 4.2 2.1 4.3 mA xHI = 5V, xLI = 5V (HIP4086A) 2.3 2.4 2.6 2.1 2.7 mA VDD Operating Current f = 20kHz, 50% Duty Cycle (HIP4086) 6.3 8.25 10.5 511 mA f = 20kHz, 50% Duty Cycle (HIP4086A) 3.1 3.6 4.1 2.8 4.4 mA xHB On Quiescent Current xHI = 0V (HIP4086) - 40 80 -100 µA xHI = 0V (HIP4086A) 80 100 200 µA xHB Off Quiescent Current xHI = VDD (HIP4086) 0.6 0.8 1.3 0.5 1.4 mA xHI = VDD (HIP4086A) 0.8 0.9 1 0.7 1.2 mA xHB Operating Current f = 20kHz, 50% Duty Cycle (HIP4086) 0.7 0.9 1.3 -2.0 mA f = 20kHz, 50% Duty Cycle (HIP4086A) 0.8 0.9 1 -1.2 mA xHB, xHS Leakage Current VxHS = 80V, VxHB = 93V 7 24 45 -50 µA Charge Pump, HIP4086 only, (Note 8) QPUMP Output Voltage No Load 11.5 12.5 14 10.5 14.5 V QPUMP Output Current VxHS = 12V, VxHB = 22V 50 100 130 -140 µA UNDERVOLTAGE PROTECTION VDD Rising Undervoltage Threshold RUV open 6.2 7.1 8.0 6.1 8.1 V VDD Falling Undervoltage Threshold RUV open 5.75 6.6 7.5 5.6 7.6 V Minimum Undervoltage Threshold RUV = VDD 5 6.2 6.8 4.9 6.9 V |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |