| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
US1528XG-S08-R bảng dữ liệu(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
US1528XG-S08-R bảng dữ liệu(HTML) 7 Page - Unisonic Technologies |
|
7 / 8 page ![]() US1528 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 8 www.unisonic.com.tw QW-R502-457.b APPLICATIONS INFORMATION (Cont.) In Figure 3, the soft start circuit is shown, and the soft start circuit can be utilized to meet USB transient regulation specifications with large load capacitances (CBULK >10µF). The device will provide inrush current limiting for these applications. When hot-plug events occur, the soft start is used to eliminate the upstream voltage droop due to the inrush current. The soft-start protects power supplies from damage caused by highly capacitive loads. |