công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

US1528XG-S08-R bảng dữ liệu(PDF) 4 Page - Unisonic Technologies

tên linh kiện US1528XG-S08-R
Giải thích chi tiết về linh kiện  USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1528XG-S08-R bảng dữ liệu(HTML) 4 Page - Unisonic Technologies

  US1528XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 5Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 6Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 7Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
US1528
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-457.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+6.0
V
Fault Flag Voltage
VFLG
+6.0
V
Fault Flag Current
IFLG
50
mA
Output Voltage
VOUT
+6.0
V
Output Current
IOUT
Internally Limited
Enable Input
VEN
-0.3~6
V
Storage Temperature
TSTG
-65~+150
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+3~+5.5
V
Ambient Operating Temperature
TOPR
-40~85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
°C/W
ELECTRICAL CHARACTERISTICS (VIN=+5V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS(OFF)
switch off, OUT = open
1
5
µA
IN Supply Current (Note)
IS(ON)
switch on, OUT = open
100
160
µA
VIH
low to high transition
2.5
V
EN/EN Enable Threshold
VIL
high to low transition(Note)
0.8
V
IEN(H)
VEN= VOH(min)= 2.5V
0.01
1
µA
EN/EN Input Current
IEN(L)
VEN= VOL(max)= 1.0V
0.01
1
µA
EN/EN Input Capacitance
1
pF
VIN= 5V, IOUT=500mA
110
140
mΩ
Switch Resistance
RON
VIN= 3.3V, IOUT=500mA
130
180
mΩ
OUT Turn-On Delay
tON
RL=10Ω
0.03
ms
OUT Turn-On Rise Time
tR
RL=10Ω, CL=100µF
0.5
ms
OUT Turn-Off Delay
tOFF
RL=10Ω
1
20
µs
OUT Turn-Off Fall Time
tF
RL=10Ω
1
20
µs
OUT Leakage Current
IO(LEAK)
1
10
µA
Short Circuit Current Limit
ISHORT
Enable into load
1.0
1.4
2.0
A
Circuit Limit Threshold
Ramped load applied to enabled output
2.0
2.7
3.5
A
TJ increasing
135
°C
Overtemperature Shutdown
Threshold
OTThreshold
TJ decreasing
125
°C
VIN=5V, IL=10mA
10
25
FLG Output Resistance
RON(FLAG)
VIN=3.3V, IL=10mA
15
40
FLG Off Current
IFLAG
VFLAG=5V
0.01
1
µA
VIN=increasing
2.5
V
UVLO Threshold
VUVLO
VIN=decreasing
2.3
V
Note:For the UTC US1528, off is ≥ 2.5V and on is ≤ 0.8V. The enable input, EN has approximately 200mV of hysteresis.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com