| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCD3138128PFC bảng dữ liệu(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138128PFC bảng dữ liệu(HTML) 60 Page - Texas Instruments |
|
60 / 80 page ![]() QT1 QB1 Lr ISOLATED GATE Transformer SYNCHRONOUS GATE DRIVE PRIM CURRENT T1 T1 VBUS QT2 QB2 D1 D2 T2 L1 Q5 R2 Q6 I_pri VOUT UCD3138128, UCD3138A64 SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014 www.ti.com 10.2.2.2 DPWM Initialization for PSFB The UCD3138x DPWM peripheral provides flexibility for a wide range of topologies. The PSFB configuration utilizes the Intra-Mux and Edge Generation Modules of the DPWM. For a diagram showing these modules, see the UCD3138x Digital Power Peripherals Manual. Here is a schematic of the power stage of the PSFB: Figure 38. Schematic – PSFB Power Stage 60 Submit Documentation Feedback Copyright © 2014, Texas Instruments Incorporated Product Folder Links: UCD3138128 UCD3138A64 |