công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S1009 bảng dữ liệu(PDF) 13 Page - Seiko Instruments Inc

tên linh kiện S1009
Giải thích chi tiết về linh kiện  SUPER-LOW CURRENT CONSUMPTION SUPER HIGH-ACCURACY VOLTAGE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1009 bảng dữ liệu(HTML) 13 Page - Seiko Instruments Inc

Back Button S1009 Datasheet HTML 9Page - Seiko Instruments Inc S1009 Datasheet HTML 10Page - Seiko Instruments Inc S1009 Datasheet HTML 11Page - Seiko Instruments Inc S1009 Datasheet HTML 12Page - Seiko Instruments Inc S1009 Datasheet HTML 13Page - Seiko Instruments Inc S1009 Datasheet HTML 14Page - Seiko Instruments Inc S1009 Datasheet HTML 15Page - Seiko Instruments Inc S1009 Datasheet HTML 16Page - Seiko Instruments Inc S1009 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
SUPER-LOW CURRENT CONSUMPTION SUPER HIGH-ACCURACY VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.5.1_00
S-1009 Series
Seiko Instruments Inc.
13
2. Delay circuit
The delay circuit delays the output signal to the OUT pin from the time at which the power supply voltage (VDD)
exceeds the release voltage (
+VDET) when VDD is turned on. The output signal is not delayed when VDD decreases
to the detection voltage (
−VDET) or less (refer to "Figure 15 Operation 2").
The delay time (tD) is determined by the time constant of the built-in constant current (approx. 100 nA) and the
attached delay capacitor (CD), or the delay time (tD0) when the CD pin is open, and calculated from the following
equation. When the CD value is sufficiently large, the tD0 value can be disregarded.
tD [ms] = Delay coefficient
× CD [nF] + tD0 [ms]
Table 10 Delay Coefficient
Delay Coefficient
Operation
Temperature
Min.
Typ.
Max.
Ta =
+85°C
2.82
4.20
5.72
Ta =
+25°C
4.70
5.47
6.24
Ta =
−40°C
5.64
8.40
12.01
Table 11 Delay Time
Delay Time (tD0)
Operation Temperature
Min.
Typ.
Max.
Ta =
−40°C to +85°C
0.01 ms
0.10 ms
0.24 ms
Caution 1.
When the CD pin is open, a double pulse shown in Figure 16 may appear at release.
To avoid the double pulse, attach 100 pF or larger capacitor to the CD pin. Do not apply
voltage to the CD pin from the exterior.
VOUT
Time
Figure 16
2.
Mounted board layout should be made in such a way that no current flows into or flows from
the CD pin since the impedance of the CD pin is high, otherwise correct delay time cannot be
provided.
3.
There is no limit for the capacitance of CD as long as the leakage current of the capacitor can
be ignored against the built-in constant current value. Leakage current causes deviation in
delay time. When the leakage current is larger than the built-in constant current, no release
takes place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com