công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S1112 bảng dữ liệu(PDF) 9 Page - Seiko Instruments Inc

tên linh kiện S1112
Giải thích chi tiết về linh kiện  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1112 bảng dữ liệu(HTML) 9 Page - Seiko Instruments Inc

Back Button S1112 Datasheet HTML 5Page - Seiko Instruments Inc S1112 Datasheet HTML 6Page - Seiko Instruments Inc S1112 Datasheet HTML 7Page - Seiko Instruments Inc S1112 Datasheet HTML 8Page - Seiko Instruments Inc S1112 Datasheet HTML 9Page - Seiko Instruments Inc S1112 Datasheet HTML 10Page - Seiko Instruments Inc S1112 Datasheet HTML 11Page - Seiko Instruments Inc S1112 Datasheet HTML 12Page - Seiko Instruments Inc S1112 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_00
S-1112/1122 Series
Seiko Instruments Inc.
9
Electrical Characteristics
Table 7
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA
VOUT(S)
× 0.99
VOUT(S) VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
150
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT
= 100 mA
1.5 V
≤ VOUT(S) ≤ 1.6 V
0.32
0.55
V
1
1.7 V
≤ VOUT(S) ≤ 1.8 V
0.28
0.47
V
1
1.9 V
≤ VOUT(S) ≤ 2.3 V
0.25
0.35
V
1
2.4 V
≤ VOUT(S) ≤ 2.7 V
0.20
0.29
V
1
2.8 V
≤ VOUT(S) ≤ 5.5 V
0.19
0.26
V
1
Line regulation
OUT
IN
OUT1
V
V
V
Δ
Δ
VOUT(S)
+ 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 30 mA
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S)
+ 1.0 V,
1.0 mA
≤ IOUT ≤ 80 mA
12
40
mV
1
Output voltage
temperature coefficient
*4
OUT
OUT
V
Ta
V
Δ
Δ
VIN = VOUT(S)
+ 1.0 V, IOUT = 10 mA,
−40°C ≤ Ta ≤ 85°C
±100
ppm/
°
C
1
Current consumption
during operation
ISS1
VIN = VOUT(S)
+ 1.0 V, ON/OFF pin = ON,
no load
50
90
μA2
Current consumption
during power-off
ISS2
VIN = VOUT(S)
+ 1.0 V, ON/OFF pin = OFF,
no load
0.1
1.0
μA2
Input voltage
VIN
2.0
6.5
V
ON/OFF pin
input voltage “H”
VSH
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
1.5
V
4
ON/OFF pin
input voltage “L”
VSL
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
0.3
V
4
ON/OFF pin
input current “H”
ISH
VIN = 6.5 V, VON/OFF = 6.5 V
−0.1
0.1
μA
4
ON/OFF pin
input current “L”
ISL
VIN = 6.5 V, VON/OFF = 0 V
−0.1
0.1
μA
4
Ripple rejection
RR
VIN = VOUT(S)
+ 1.0 V, f = 1.0 kHz,
ΔVrip = 0.5 Vrms, IOUT = 30 mA
80
dB
5
Short-circuit current
Ishort
VIN = VOUT(S)
+ 1.0 V, ON/OFF pin = ON,
VOUT = 0 V
200
mA
3
*1. VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT(= 30 mA) and inputting VOUT(S)
+ 1.0 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
*4. A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C *1 = VOUT(S)
[]
V *2
×
ΔVOUT
ΔTa • VOUT []
ppm/°C *3
÷ 1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*5. The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com