công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S1112 bảng dữ liệu(PDF) 3 Page - Seiko Instruments Inc

tên linh kiện S1112
Giải thích chi tiết về linh kiện  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1112 bảng dữ liệu(HTML) 3 Page - Seiko Instruments Inc

  S1112 Datasheet HTML 1Page - Seiko Instruments Inc S1112 Datasheet HTML 2Page - Seiko Instruments Inc S1112 Datasheet HTML 3Page - Seiko Instruments Inc S1112 Datasheet HTML 4Page - Seiko Instruments Inc S1112 Datasheet HTML 5Page - Seiko Instruments Inc S1112 Datasheet HTML 6Page - Seiko Instruments Inc S1112 Datasheet HTML 7Page - Seiko Instruments Inc S1112 Datasheet HTML 8Page - Seiko Instruments Inc S1112 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_00
S-1112/1122 Series
Seiko Instruments Inc.
3
Product Name Structure
Users can select the product type, output voltage, and package type for the S-1112/1122 Series. Refer to
“1. Product name” regarding the contents of product name, “2. Packages” regarding the package
drawings, “3. Product name lists” regarding details of product name.
1. Product name
(1) SNT-6A(H) for S-1112 Series
S-1112 x xx PI - xxx TF U
Output voltage
15 to 55
(E.g., when the output voltage is 1.5 V,
it is expressed as 15.)
IC direction in tape specifications
*1
Package name (abbreviation)
PI : SNT-6A(H)
Environmental code
U: Lead-free (Sn 100%), halogen-free
Product name (abbreviation)
*2
Product type
*3
A: ON/OFF pin negative logic
B: ON/OFF pin positive logic
(2) SOT-23-5 for S-1112 Series
S-1112 x xx MC - xxx TF x
Output voltage
15 to 55
(E.g., when the output voltage is 1.5 V,
it is expressed as 15.)
Package name (abbreviation)
MC: SOT-23-5
Product name (abbreviation)
*2
Product type
*3
A: ON/OFF pin negative logic
B: ON/OFF pin positive logic
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
*1. Refer to the tape drawing.
*2. Refer to the product name lists.
*3. Refer to “3. ON/OFF pin” in “ Operation”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com