| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S1721 bảng dữ liệu(PDF) 32 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S1721 bảng dữ liệu(HTML) 32 Page - Seiko Instruments Inc |
|
32 / 42 page ![]() SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR S-1721 Series Rev.2.0_00 Seiko Instruments Inc. 32 Marking Specifications (1) SNT-6A (1) to (3) : Product code (Refer to Product name vs. Product code) (4) to (6) : Lot number SNT-6A Top view 1 2 3 4 6 5 Product name vs. Product code (a) S-1721 Series A type Product code Product code Product Name (1) (2) (3) Product Name (1) (2) (3) S-1721A1212-I6T1x S 2 B S-1721A2515-I6T1x S 6 P S-1721A1215-I6T1x S 2 D S-1721A2518-I6T1x S 2 Z S-1721A1218-I6T1x S 2 S S-1721A2525-I6T1x S 6 Q S-1721A1225-I6T1x S 6 D S-1721A2528-I6T1x S 6 R S-1721A1226-I6T1x S 6 7 S-1721A252J-I6T1x S 6 S S-1721A1228-I6T1x S 6 E S-1721A2530-I6T1x S 6 T S-1721A122J-I6T1x S 6 F S-1721A2533-I6T1x S 6 U S-1721A1230-I6T1x S 6 G S-1721A2613-I6T1x S 6 A S-1721A1233-I6T1x S 2 N S-1721A2812-I6T1x S 6 B S-1721A1C18-I6T1x S 2 W S-1721A2815-I6T1x S 2 H S-1721A1512-I6T1x S 6 H S-1721A2818-I6T1x S 2 I S-1721A1513-I6T1x S 2 P S-1721A2825-I6T1x S 6 V S-1721A1515-I6T1x S 2 Q S-1721A2826-I6T1x S 2 8 S-1721A1518-I6T1x S 6 I S-1721A2828-I6T1x S 2 A S-1721A1525-I6T1x S 6 J S-1721A282J-I6T1x S 6 W S-1721A152J-I6T1x S 6 K S-1721A2830-I6T1x S 6 X S-1721A1530-I6T1x S 6 L S-1721A2833-I6T1x S 6 C S-1721A1533-I6T1x S 6 M S-1721A2J12-I6T1x S 6 9 S-1721A1812-I6T1x S 2 T S-1721A2J15-I6T1x S 7 A S-1721A1815-I6T1x S 6 N S-1721A2J18-I6T1x S 2 V S-1721A1818-I6T1x S 2 X S-1721A2J2J-I6T1x S 2 J S-1721A1825-I6T1x S 2 F S-1721A2J33-I6T1x S 6 8 S-1721A1826-I6T1x S 2 7 S-1721A3018-I6T1x S 2 6 S-1721A1828-I6T1x S 2 G S-1721A3028-I6T1x S 6 Y S-1721A1829-I6T1x S 6 4 S-1721A3030-I6T1x S 2 K S-1721A182J-I6T1x S 2 U S-1721A3033-I6T1x S 6 Z S-1721A1830-I6T1x S 2 3 S-1721A3119-I6T1x S 2 L S-1721A1833-I6T1x S 2 2 S-1721A3318-I6T1x S 2 M S-1721A2020-I6T1x S 2 C S-1721A3330-I6T1x S 6 2 S-1721A2121-I6T1x S 2 R S-1721A3333-I6T1x S 2 O S-1721A2512-I6T1x S 6 O Remark 1. Please contact our sales office for products with specifications other than the above. 2. x: G or U 3. Please select products of environmental code = U for Sn 100%, halogen-free products. |