công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PMEG2005ESF bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện PMEG2005ESF
Giải thích chi tiết về linh kiện  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005ESF bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  PMEG2005ESF_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PMEG2005ESF
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with
an integrated guard ring for stress protection in a DSN0603-2 (SOD962-2) leadless ultra
small Chip-Scale Package (CSP).
2. Features and benefits
• Average forward current IF(AV) ≤ 0.5 A
• Reverse voltage VR ≤ 20 V
• Low forward voltage typ. VF = 310 mV
• Low reverse current typ. IR = 0.37 µA
• Package height typ. 0.3 mm
3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Ultra high speed switching
• LED backlight for mobile application
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
δ = 0.5; f = 20 kHz; Tamb = 110 °C;
square wave
[1]
-
-
0.5
A
IF(AV)
average forward
current
δ = 0.5; f = 20 kHz; Tsp = 145 °C;
square wave
-
-
0.5
A
VR
reverse voltage
Tj = 25 °C
-
-
20
V
VF
forward voltage
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
310
380
mV
IR
reverse current
VR = 10 V; Tj = 25 °C; pulsed
-
0.37
2
µA
trr
reverse recovery time
IF = 500 mA; IR = 500 mA;
IR(meas) = 100 mA; Tj = 25 °C
-
1.9
-
ns
[1] Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.


Số phần tương tự - PMEG2005ESF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
PMEG2005ESF NEXPERIA-PMEG2005ESF Datasheet
704Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
More results

Mô tả tương tự - PMEG2005ESF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PMEG2005EPK PHILIPS-PMEG2005EPK Datasheet
1Mb / 13P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 January 2012
PMEG2005BELD PHILIPS-PMEG2005BELD_15 Datasheet
210Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
4 August 2015
PMEG2005EPK PHILIPS-PMEG2005EPK_15 Datasheet
1Mb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
logo
Nexperia B.V. All right...
PMEG2005EGW NEXPERIA-PMEG2005EGW Datasheet
682Kb / 12P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005AESF NEXPERIA-PMEG2005AESF Datasheet
690Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG2005ESF NEXPERIA-PMEG2005ESF Datasheet
704Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005EGW-Q NEXPERIA-PMEG2005EGW-Q Datasheet
220Kb / 11P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
10 August 2022
PMEG2005BELD-Q NEXPERIA-PMEG2005BELD-Q Datasheet
243Kb / 12P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
17 May 2021
PMEG2005EPK NEXPERIA-PMEG2005EPK Datasheet
1Mb / 15P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
PMEG2005ELD NEXPERIA-PMEG2005ELD Datasheet
1Mb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 4 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com