công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS874S02I bảng dữ liệu(PDF) 7 Page - Integrated Device Technology

tên linh kiện ICS874S02I
Giải thích chi tiết về linh kiện  One differential clock input pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874S02I bảng dữ liệu(HTML) 7 Page - Integrated Device Technology

Back Button ICS874S02I Datasheet HTML 3Page - Integrated Device Technology ICS874S02I Datasheet HTML 4Page - Integrated Device Technology ICS874S02I Datasheet HTML 5Page - Integrated Device Technology ICS874S02I Datasheet HTML 6Page - Integrated Device Technology ICS874S02I Datasheet HTML 7Page - Integrated Device Technology ICS874S02I Datasheet HTML 8Page - Integrated Device Technology ICS874S02I Datasheet HTML 9Page - Integrated Device Technology ICS874S02I Datasheet HTML 10Page - Integrated Device Technology ICS874S02I Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ICS874S02I
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
7
ICS874S02BMI REV. AOCTOBER 16, 2008
Parameter Measurement Information
3.3V LVDS Output Load AC Test Circuit
Static Phase Offset
Output Rise/Fall Time
Differential Input Level
Cycle-to-Cycle Jitter
Output Duty Cycle/Pulse Width/Period
SCOPE
Qx
nQx
3.3V±5%
POWER SUPPLY
+–
Float GND
LVDS
VDDA
VDD,
VDDO
nCLK
CLK
nFB_IN
FB_IN
➤t(Ø)
V
OH
V
OL
V
OH
V
OL
tjit(Ø) =
 t(Ø) – t(Ø) mean= Phase Jitter
t(Ø) mean = Static Phase Offset
Where t(Ø) is any random sample, and t(Ø) mean is the average
of the sampled cycles measured on the controlled edges)
20%
80%
80%
20%
tR
t F
VOD
Q, QFB
nQ, nQFB
VDD
nCLK
CLK
GND
V
CMR
Cross Points
V
PP
➤
➤
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
nQ, nQFB
Q, QFB
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q, QFB
nQ, nQFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com