công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS874S02I bảng dữ liệu(PDF) 2 Page - Integrated Device Technology

tên linh kiện ICS874S02I
Giải thích chi tiết về linh kiện  One differential clock input pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874S02I bảng dữ liệu(HTML) 2 Page - Integrated Device Technology

  ICS874S02I Datasheet HTML 1Page - Integrated Device Technology ICS874S02I Datasheet HTML 2Page - Integrated Device Technology ICS874S02I Datasheet HTML 3Page - Integrated Device Technology ICS874S02I Datasheet HTML 4Page - Integrated Device Technology ICS874S02I Datasheet HTML 5Page - Integrated Device Technology ICS874S02I Datasheet HTML 6Page - Integrated Device Technology ICS874S02I Datasheet HTML 7Page - Integrated Device Technology ICS874S02I Datasheet HTML 8Page - Integrated Device Technology ICS874S02I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ICS874S02I
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
2
ICS874S02BMI REV. AOCTOBER 16, 2008
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
CLK
Input
Pulldown
Non-inverting differential clock input.
2
nCLK
Input
Pullup
Inverting differential clock input.
3
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Q and QFB to go low and the inverted outputs nQ and
nQFB to go high. When logic LOW, the internal dividers and the outputs are
enabled. LVCMOS / LVTTL interface levels.
4
nFB_IN
Input
Pullup
Inverting differential feedback input to phase detector for regenerating clocks
with “Zero Delay.” Connect to pin 8.
5
FB_IN
Input
Pulldown
Non-inverted differential feedback input to phase detector for regenerating
clocks with “Zero Delay.” Connect to pin 9.
6, 15,
19, 20
SEL2, SEL3,
SEL0, SEL1
Input
Pulldown
Determines output divider values in Table 3. LVCMOS / LVTTL interface levels.
7, 11
VDDO
Power
Output supply pins.
8, 9
nQFB, QFB
Output
Differential feedback output pair. HSTL interface levels.
10, 14
GND
Power
Power supply ground.
12, 13
nQ, Q
Output
Differential clock output pair. HSTL interface levels.
16
VDDA
Power
Analog supply pin.
17
PLL_SEL
Input
Pullup
PLL select. Selects between the PLL and reference clock as the input to the
dividers. When LOW, selects reference clock. When HIGH, selects PLL.
LVCMOS/LVTTL interface levels.
18
VDD
Power
Core supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLUP
Input Pullup Resistor
50
k
Ω
RPULLDOWN Input Pulldown Resistor
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com