| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT121 bảng dữ liệu(PDF) 41 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT121 bảng dữ liệu(HTML) 41 Page - Future Technology Devices International Ltd. |
|
41 / 46 page ![]() Copyright © 2014 Future Technology Devices International Limited 41 Document No.: FT_000648 FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2 Clearance No.: FTDI# 312 9.4 QFN-16 Package Markings Figure 9-4 QFN-16 Package Markings The date code format is YYWW where WW = 2 digit week number, YY = 2 digit year number. 9.5 Solder Reflow Profile The FT121 is supplied in Pb free TSSOP-16 and QFN-16 packages. The recommended solder reflow profile for both package options is shown in Figure 9-5. Figure 9-5 FT121 Solder Reflow Profile Critical Zone: when T is in the range T to T Time, t (seconds) 25 P T = 25º C to T tp Tp TL t Preheat S t L Ramp Up L p Ramp Down T Max S T Min S Line 1 – FTDI Logo Line 2 – Date Code, Revision Line 3 – FTDI Part Number FT121Q YYWW-B |