| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT121 bảng dữ liệu(PDF) 2 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT121 bảng dữ liệu(HTML) 2 Page - Future Technology Devices International Ltd. |
|
2 / 46 page ![]() Copyright © 2014 Future Technology Devices International Limited 2 Document No.: FT_000648 FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2 Clearance No.: FTDI# 312 1 Typical Applications Provide USB port to Microcontrollers Provide USB port to FPGA’s USB Industrial Control Mass storage data transfers for multitude of embedded systems applications, including medical, industrial data-logger, power- metering, and test instrumentation Utilising USB to add system modularity Isochronous support for video applications in security, industrial control, and quality inspections 1.1 Part Numbers Part Number Package FT121T-x TSSOP-16 FT121Q-x QFN-16 Note: Packaging codes for x is: - R: Taped and Reel, (TSSOP is 2,500pcs per reel, QFN is 6,000pcs per reel). - U: Tube packing, 96pcs per tube (TSSOP only) - T: Tray packing, 490pcs per tray (QFN only) For example: FT121T-R is 2,500pcs taped and reel packing 1.2 USB Compliant At the time of writing this datasheet, the FT121 was in the process of completing USB compliance testing. |