| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF3205ZPBF bảng dữ liệu(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF3205ZPBF bảng dữ liệu(HTML) 10 Page - International Rectifier |
|
10 / 12 page ![]() IRF3205ZS/LPbF 10 www.irf.com D2Pak (TO-263AB) Part Marking Information D2Pak (TO-263AB) Package Outline Dimensions are shown in millimeters (inches) DATE CODE YEAR 0 = 2000 WEEK 02 A = ASSEMBLY SITE CODE RECTIFIER INTERNATIONAL PART NUMBER P = DES IGNATES LEAD - FREE PRODUCT (OPTIONAL) F530S IN THE AS SEMBLY LINE "L" ASSEMBLED ON WW 02, 2000 THIS IS AN IRF530S WITH LOT CODE 8024 INTERNATIONAL LOGO RECTIFIER LOT CODE AS SEMBLY YEAR 0 = 2000 PART NUMBER DATE CODE LINE L WEEK 02 OR F530S LOGO ASS EMBLY LOT CODE Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ |