| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF3205ZPBF bảng dữ liệu(PDF) 9 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF3205ZPBF bảng dữ liệu(HTML) 9 Page - International Rectifier |
|
9 / 12 page ![]() IRF3205ZS/LPbF www.irf.com 9 TO-220AB package is not recommended for Surface Mount Application TO-220AB Part Marking Information TO-220AB Package Outline Dimensions are shown in millimeters (inches) INTERNATIONAL PART NUMBER RECTIFIER LOT CODE ASSEMBLY LOGO YEAR 0 = 2000 DAT E CODE WEEK 19 LINE C LOT CODE 1789 EXAMPLE: THIS IS AN IRF1010 Note: "P" in assembly line position indicates "Lead - Free" IN THE ASSEMBLY LINE "C" ASSEMBLED ON WW 19, 2000 Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ |