công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX3735E/D bảng dữ liệu(PDF) 10 Page - Maxim Integrated Products

tên linh kiện MAX3735E/D
Giải thích chi tiết về linh kiện  2.7Gbps, Low-Power SFP Laser Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3735E/D bảng dữ liệu(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3735E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 9Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 10Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 11Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 12Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 13Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2.7Gbps, Low-Power SFP Laser Drivers
10
______________________________________________________________________________________
Laser-Biasing and APC
To maintain constant average optical power, the
MAX3735/MAX3735A incorporate an APC loop to com-
pensate for the changes in laser threshold current over
temperature and lifetime. A back-facet photodiode
mounted in the laser package is used to convert the
optical power into a photocurrent. The APC loop
adjusts the laser bias current so that the monitor cur-
rent is matched to a reference current set by RAPCSET.
The time constant of the APC loop is determined by an
external capacitor (CAPC). For possible CAPC values,
see the Applications Information section.
Safety Circuitry
The safety circuitry contains an input disable
(TX_DISABLE), a latched fault output (TX_FAULT), and
fault detectors (Figure 5). This circuitry monitors the
operation of the laser driver and forces a shutdown if a
fault is detected (Table 1). A single-point fault can be a
short to VCC or GND. See Table 2 to view the circuit
response to various single-point failures. The transmit
fault condition is latched until reset by a toggle of
TX_DISABLE or VCC. The laser driver offers redundant
laser diode shutdown through the optional shutdown
circuitry (see the Typical Applications Circuit). The
TX_FAULT pin should be pulled high with a 4.7k
Ω to
10k
Ω resistor to VCC as required by the SFP MSA.
Safety Circuitry Current Monitors
The MAX3735/MAX3735A feature monitors (BC_MON,
PC_MON) for bias current (IBIAS) and photo current
(IMD). The monitors are realized by mirroring a fraction
of the currents and developing voltages across external
resistors connected to ground. Voltages greater than
1.38V at PC_MON or BC_MON result in a fault state.
For example, connecting a 100
Ω resistor to ground on
each monitor output gives the following relationships:
VBC_MON = (IBIAS / 76) x 100
Ω
VPC_MON = IMD x 100
Ω
VCC
VCC
IAPCSET
CAPC
IBIAS
IMOD
RD
IMD
RAPCSET
x38
VCC
RPC_MON
PC_MON
100
Ω
IN-
IN+
IMOD
ENABLE
IBIAS
ENABLE
INPUT BUFFER
SHUTDOWN
DATA
PATH
X270
SAFETY LOGIC
AND
POWER
DETECTOR
TX_FAULT
CMD
TX_DISABLE
APCFILT1
APCFILT2
SHUTDOWN
MODSET
BC_MON
x1
76
IBIAS
1
IMD
APCSET
MD
MAX3735
MAX3735A
VCC
VBG
(4.7k
Ω
TO 10k
Ω)
RBC_MON
VCC
VBG
RMODSET
VCC
OUT-
OUT+
BIAS
VCC
15
Ω
Figure 4. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com