công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2N7002BKS bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện 2N7002BKS
Giải thích chi tiết về linh kiện  60 V, 300 mA dual N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N7002BKS bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  2N7002BKS Datasheet HTML 1Page - NXP Semiconductors 2N7002BKS Datasheet HTML 2Page - NXP Semiconductors 2N7002BKS Datasheet HTML 3Page - NXP Semiconductors 2N7002BKS Datasheet HTML 4Page - NXP Semiconductors 2N7002BKS Datasheet HTML 5Page - NXP Semiconductors 2N7002BKS Datasheet HTML 6Page - NXP Semiconductors 2N7002BKS Datasheet HTML 7Page - NXP Semiconductors 2N7002BKS Datasheet HTML 8Page - NXP Semiconductors 2N7002BKS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2N7002BKS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 23 September 2010
3 of 16
NXP Semiconductors
2N7002BKS
60 V, 300 mA dual N-channel Trench MOSFET
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[3]
Measured between all pins.
IDM
peak drain current
Tamb =25 °C;
single pulse; tp ≤ 10 μs
-1.2
A
Ptot
total power dissipation
Tamb =25 °C
[2] -295
mW
[1] -340
mW
Tsp =25 °C
-
1040
mW
Source-drain diode
IS
source current
Tamb =25 °C
[1] -300
mA
ESD maximum rating
VESD
electrostatic discharge
voltage
human body model
[3] -
2000
V
Per device
Ptot
total power dissipation
Tamb =25 °C
[2] -445
mW
Tj
junction temperature
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Fig 1.
Normalized total power dissipation as a
function of ambient temperature
Fig 2.
Normalized continuous drain current as a
function of ambient temperature
Tamb (°C)
−75
175
125
25
75
−25
017aaa001
40
80
120
Pder
(%)
0
Tamb (°C)
−75
175
125
25
75
−25
017aaa002
40
80
120
Ider
(%)
0
P
der
P
tot
P
tot 25
°C
()
------------------------
100 %
×
=
I
der
I
D
I
D25
°C
()
--------------------
100 %
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com