| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRGS4630DPBF bảng dữ liệu(PDF) 12 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGS4630DPBF bảng dữ liệu(HTML) 12 Page - International Rectifier |
|
12 / 15 page ![]() IRGS/B/P4630D/EPbF 12 www.irf.com © 2014 International Rectifier Submit Datasheet Feedback November 18, 2014 TO-247AC Package Outline Dimensions are shown in millimeters (inches) YEAR 1 = 2001 DATE CODE PART NUMBER INTERNATIONAL LOGO RECTIFIER ASSEMBLY 56 57 IRFPE30 135H LINE H indicates "Lead-Free" WEEK 35 LOT CODE IN THE ASSEMBLY LINE "H" ASSEMBLED ON WW 35, 2001 Notes: This part marking information applies to devices produced after 02/26/2001 Note: "P" in assembly line position EXAMPLE: WITH ASSEMBLY THIS IS AN IRFPE30 LOT CODE 5657 TO-247AC Part Marking Information Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ TO-247AC package is not recommended for Surface Mount Application. |