| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATXMEGA384C3 bảng dữ liệu(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATXMEGA384C3 bảng dữ liệu(HTML) 3 Page - ATMEL Corporation |
|
3 / 126 page ![]() 3 XMEGA C3 [DATASHEET] 8361C–AVR–4/12 2. Pinout/Block Diagram Figure 2-1. Block diagram and pinout. Notes: 1. For full details on pinout and alternate pin functions refer to “Pinout and Pin Functions” on page 51. 2. The large center pad underneath the QFN/MLF package should be soldered to ground on the board to ensure good mechanical stability. 1 2 3 4 VCC 5 6 7 8 9 10 11 12 13 14 15 16 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 GND PB0 PB1 PB3 PB2 PB7 PB5 PB4 PB6 PA7 PA6 PA3 PA4 PA5 PC0 PD7 VCC GND PE0 PE1 PE2 PE3 PE4 PE5 PE6 PE7 PF0 PF1 PF2 VDD GND Power Supervision EVENT ROUTING NETWORK SRAM FLASH ADC AC0:1 OCD Port E Prog/Debug Interface EEPROM Port C Event System Controller Watchdog Timer Internal oscillators OSC/CLK Control Real Time Counter Interrupt Controller DATA BUS DATA BUS Port R AREF AREF Sleep Controller Reset Controller Internal references Port F CPU XOSC Watchdog oscillator BUS matrix Crypto / CRC DMA Controller Port D Digital function Analog function /Oscillators Programming, debug, test External clock /Crystal pins General Purpose I /O Ground Power |