công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATXMEGA384C3 bảng dữ liệu(PDF) 2 Page - ATMEL Corporation

tên linh kiện ATXMEGA384C3
Giải thích chi tiết về linh kiện  8/16-bit Atmel XMEGA C3 Microcontroller
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA384C3 bảng dữ liệu(HTML) 2 Page - ATMEL Corporation

  ATXMEGA384C3 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
2
XMEGA C3 [DATASHEET]
8361C–AVR–4/12
1.
Ordering Information
Notes:
1.
This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2.
Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
3.
For packaging information, see “Packaging information” on page 63.
4.
Tape and Reel.
Typical Applications
Ordering code
Flash (bytes)
EEPROM
(bytes)
SRAM
(bytes)
Speed (MHz)
Power
supply
Package
(1)(2)(3)
Temp.
ATxmega384C3-AU
384K + 8K
4K
32K
32
1.6 - 3.6V
64A
-40
°C - 85°C
ATxmega384C3-AUR(4)
384K + 8K
4K
32K
ATxmega384C3-MH
384K + 8K
4K
32K
64Z3
ATxmega384C3-MHR(4)
384K + 8K
4K
32K
Package type
64A
64-lead, 14 x 14mm body size, 1.0mm body thickness, 0.8mm lead pitch, thin profile plastic quad flat package (TQFP)
64Z3
64-pad, 9 x 9 x 1.0mm body, lead pitch 0.50mm, 7.65mm exposed pad, quad flat no-lead package (QFN)
Industrial control
Climate control
Low power battery applications
Factory automation
RF and ZigBee®
Power tools
Building control
USB connectivity
HVAC
Board control
Sensor control
Utility metering
White goods
Optical
Medical applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com