công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P3C1256L85TMBLF bảng dữ liệu(PDF) 2 Page - Pyramid Semiconductor Corporation

tên linh kiện P3C1256L85TMBLF
Giải thích chi tiết về linh kiện  LOW POWER 32K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PYRAMID [Pyramid Semiconductor Corporation]
Trang chủ  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256L85TMBLF bảng dữ liệu(HTML) 2 Page - Pyramid Semiconductor Corporation

  P3C1256L85TMBLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P3C1256L - 32K x 8 STATIC CMOS RAM
Page 2
Document # SRAM143 REV A
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)(2)
MAxIMUM RATIngS(1)
RECOMMEnDED OPERATIng TEMPERATURE AnD SUPPLy VOLTAgE
Sym Parameter
Test Conditions
Min
Max
Unit
V
OH
Output High Voltage (I/O
0 - I/O7)
I
OH = -1mA, VCC = 3.0V
2.4
V
V
OL
Output Low Voltage (I/O
0 - I/O7)
I
OL = 2.1mA
0.4
V
V
IH
Input High Voltage
2.2
V
CC + 0.3
V
V
IL
Input Low Voltage
-0.5(3)
0.8
V
I
LI
Input Leakage Current
GND ≤ V
IN ≤ VCC
Com
-2
+2
µA
Ind
-5
+5
Mil
I
LO
Output Leakage Current
GND ≤ V
OUT ≤ VCC
CE = V
IH
Com
-2
+2
µA
Ind
-5
+5
Mil
I
SB
V
CC Current
TTL Standby Current
(TTL Input Levels)
V
CC = 3.6V, IOUT = 0 mA
CE = V
IH
3
mA
I
SB1
V
CC Current
CMOS Standby Current
(CMOS Input Levels)
V
CC = 3.6V, IOUT = 0 mA
CE ≥ V
CC - 0.2V
100
µA
N/A = Not applicable
Sym
Parameter
Min
Max
Unit
V
CC
Supply Voltage with Respect to GND
-0.5
7.0
V
V
TERM
Terminal Voltage with Respect to GND (up to 7.0V)
-0.5
V
CC + 0.5
V
T
A
Operating Ambient Temperature
-55
125
°C
S
TG
Storage Temperature
-65
150
°C
I
OUT
Output Current into Low Outputs
25
mA
I
LAT
Latch-up Current
> 200
mA
Temperature Range (Ambient)
Supply Voltage
Commercial (0°C to 70°C)
2.7V ≤ V
CC ≤ 3.6V
Industrial (-40°C to 85°C)
2.7V ≤ V
CC ≤ 3.6V
Military (-55°C to 125°C)
2.7V ≤ V
CC ≤ 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com