công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P3C1256L85TMBLF bảng dữ liệu(PDF) 4 Page - Pyramid Semiconductor Corporation

tên linh kiện P3C1256L85TMBLF
Giải thích chi tiết về linh kiện  LOW POWER 32K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PYRAMID [Pyramid Semiconductor Corporation]
Trang chủ  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256L85TMBLF bảng dữ liệu(HTML) 4 Page - Pyramid Semiconductor Corporation

  P3C1256L85TMBLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P3C1256L - 32K x 8 STATIC CMOS RAM
Page 4
Document # SRAM143 REV A
TIMIng WAVEFORM OF READ CyCLE nO. 1 (OE COnTROLLED)(5)
TIMIng WAVEFORM OF READ CyCLE nO. 2 (ADDRESS COnTROLLED)(5,6)
notes:
1. Stresses greater than those listed under MAxIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAxIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20ns.
4. This parameter is sampled and not 100% tested.
5. WE is HIGH for READ cycle.
6. CE is LOW and OE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with CE transition
LOW.
8. Transition is measured ± 200 mV from steady state voltage prior to
change,withloadingasspecifiedinFigure1. Thisparameterissampled
and not 100% tested.
9. Read Cycle Time is measured from the last valid address to the first
transitioning address.
TIMIng WAVEFORM OF READ CyCLE nO. 3 (ADDRESS COnTROLLED)(5,7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com