| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NJG1709KC1-R1 bảng dữ liệu(PDF) 4 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJG1709KC1-R1 bảng dữ liệu(HTML) 4 Page - New Japan Radio |
|
4 / 29 page ![]() NJG1709KC1 - 4 - nTERMINAL INFORMATION No. SYMBOL FUNCTION 1 LNAIN RF input terminal of LNA. An external matching circuit is required. 2 LNACAP Terminal for the bypass capacitor of LNA. The bypass capacitor C1 shown in test circuits should be connected to this terminal as close as possible. 3 GND Ground terminal (0V) 4 IFOUT IF signal output terminal. The IF signal is output through external matching circuit connected to this terminal. Please connect inductances L7, L8 and power supply as shown in test circuits, since this terminal is also the terminal of mixer power supply. 5 VLO Power supply terminal for local amplifier. Please place R1, R2 and L11 shown in test circuits at very close to this terminal. 6 LOIN Local signal input terminal to local amplifier. An external matching circuit is required. 7 BPC Terminal for the bypass capacitor of mixer. The bypass capacitor C4 shown in test circuits should be connected to this terminal as close as possible. 8 MIXIN RF signal input terminal to mixer. An external matching circuit is required. 9 GND Ground terminal (0V) 10 LNAOUT Signal output terminal of LNA. The RF signal from LNA goes out through external matching circuit connected to this terminal. Please connect inductances L3, L4 and power supply as shown in test circuits, since this terminal is also the terminal of LNA power supply. CAUTION 1) Ground terminal (No.3, 9) should be connected to the ground plane as close as possible. |