| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NJG1709KC1-R1 bảng dữ liệu(PDF) 3 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJG1709KC1-R1 bảng dữ liệu(HTML) 3 Page - New Japan Radio |
|
3 / 29 page ![]() NJG1709KC1 - 3- nELECTRICAL CHARACTERISTICS 3 (LNA) GENERAL CONDITIONS: T a=+25°C, VLNA=2.7V, VMIX=VLO=0V, fRF=1900MHz, PRF=-36dBm, Z s=Zl=50Ω, with test circuit 2 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Frequency freq 1890 1900 1920 MHz LNA Voltage V LNA 2.5 2.7 4.5 V LNA Operating Current I LNA P RF, PLO=OFF - 3.2 4.1 mA Small Signal Gain Gain 14.0 16.0 18.0 dB Gain Flatness G flat f RF=1890∼1920MHz - 0.5 1.0 dB Noise Figure NF - 1.3 1.5 dB Pout at 1dB Gain Compression point P -1dB -2.0 0 - dBm Output 3rd Order Intercept point OIP3 f RF=1900.0+1900.1MHz +9.0 +13.0 - dBm RF IN VSWR VSWR i - 2.0 - RF OUT VSWR VSWR o - 2.0 - nELECTRICAL CHARACTERISTICS 4 (Mixer) GENERAL CONDITIONS: T a=+25°C, VLNA=0V, VMIX=VLO=2.7V, fRF=1900MHz, fLO=1660MHz P RF=-30dBm, PLO=-15dBm, Zs=Zl=50Ω, with test circuit 2 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Frequency freq 1890 1900 1920 MHz Mixer Voltage V MIX 2.5 2.7 4.5 V Local Amplifier Voltage V LO 2.5 2.7 4.5 V Mixer Operating Current I MIX P RF, PLO=OFF - 4.3 5.7 mA Local Amplifier Operating Current I LO P RF, PLO=OFF - 0.8 1.3 mA Conversion Gain G c 7.0 9.0 - dB Noise Figure NF - 6.5 9.0 dB Output 3rd Order Intercept point OIP3 f RF=1900.0+1900.1MHz +7.0 +11.0 - dBm MIXER IN VSWR VSWR M - 1.5 - LOCAL IN VSWR VSWR L - 1.5 - IF OUT VSWR VSWR I - 1.5 - |