công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF7171MPBF bảng dữ liệu(PDF) 11 Page - International Rectifier

tên linh kiện IRF7171MPBF
Giải thích chi tiết về linh kiện  Optimized for Synchronous Rectification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRF7171MPBF bảng dữ liệu(HTML) 11 Page - International Rectifier

Back Button IRF7171MPBF Datasheet HTML 3Page - International Rectifier IRF7171MPBF Datasheet HTML 4Page - International Rectifier IRF7171MPBF Datasheet HTML 5Page - International Rectifier IRF7171MPBF Datasheet HTML 6Page - International Rectifier IRF7171MPBF Datasheet HTML 7Page - International Rectifier IRF7171MPBF Datasheet HTML 8Page - International Rectifier IRF7171MPBF Datasheet HTML 9Page - International Rectifier IRF7171MPBF Datasheet HTML 10Page - International Rectifier IRF7171MPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 
IRF7171MTRPbF
11
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 25, 2015
IR WORLD HEADQUARTERS: 101N Sepulveda Blvd, El Segundo, California 90245, USA
To contact Interna onal Rec fier, please visit h p://www.irf.com/whoto‐call/
Qualification Information†  
Qualification Level  
Industrial††
*
Moisture Sensitivity Level
DirectFET® Medium Can
MSL1
(per JEDEC J-STD-020D†††)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
*         Industrial qualification standards except autoclave test conditions. 
Revision History
Date
Comment
12/3/2014
 Updated
RJA from “60°C/W” to “45°C/W” on page 3.
 Updated ID @ TA and PD @TA based on RJA corrected on page 1 & page 3.
3/25/2015
 Added “FastIRFET” on page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com