công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9073A bảng dữ liệu(PDF) 3 Page - Richtek Technology Corporation

tên linh kiện RT9073A
Giải thích chi tiết về linh kiện  The RT9073A is a low-dropout
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9073A bảng dữ liệu(HTML) 3 Page - Richtek Technology Corporation

  RT9073A Datasheet HTML 1Page - Richtek Technology Corporation RT9073A Datasheet HTML 2Page - Richtek Technology Corporation RT9073A Datasheet HTML 3Page - Richtek Technology Corporation RT9073A Datasheet HTML 4Page - Richtek Technology Corporation RT9073A Datasheet HTML 5Page - Richtek Technology Corporation RT9073A Datasheet HTML 6Page - Richtek Technology Corporation RT9073A Datasheet HTML 7Page - Richtek Technology Corporation RT9073A Datasheet HTML 8Page - Richtek Technology Corporation RT9073A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9073A
3
DS9073A-00 April 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
Basic operation
The RT9073A is a low quiescent current linear regulator
designed especially for low external components system.
The input voltage range is from 1.2V to 5.5V.
Output Transistor
The RT9073A builds in a P-MOSFET output transistor
which provides a low switch-on resistance for low dropout
voltage applications.
Error Amplifier
The ErrorAmplifier compares the internal reference voltage
with the output feedback voltage from the internal divider,
and controls the Gate voltage of P-MOSFET to support
good line regulation and load regulation at output voltage.
Enable
The RT9073A delivers the output power when it is set to
enable state. When it works in disable state, there is no
output power and the operation quiescent current is almost
zero.
Current Limit Protection
The RT9073A provides current limit function to prevent
the device from damages during over-load or shorted-circuit
condition. This current is detected by an internal sensing
transistor.
Over Temperature Protection
The over temperature protection function will turn off the
P-MOSFET when the junction temperature exceeds 150
°C
(typ.), VIN
≥ 1.5V and the output current exceeds 30mA.
Once the junction temperature cools down by
approximately 20
°C, the regulator will automatically
resume operation.
VIN
GND
EN
VOUT
R1
R2
Current/Thermal
Sense
Bandgap
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com